PART |
Description |
Maker |
ISL8118 |
3.3V to 20V Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
|
Intersil
|
HIP6302 |
PWM Controller, 2 Phase Sync Buck, 1.10V to 1.85V, .0% Reg, Programmable Droop Voltage, 5-Bit VID DAC
|
Intersil
|
WED2CG472512V9D2 WED2CG472512V10D2 WED2CG472512V12 |
16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
|
WEDC[White Electronic Designs Corporation]
|
EDI2AG272128V10D1 EDI2AG272128V9D1 EDI2AG272128V12 |
2 Megabyte Sync/Sync Burst, Small Outline DIMM
|
WEDC[White Electronic Designs Corporation]
|
BP5034B20 |
AC100V input, 20V/80mA output
|
ROHM[Rohm]
|
WT9051 |
SYNC signal processor for Multi-Sync display
|
Weltrend
|
WT9051 |
Sync Singal Processor for Multi-Sync Display
|
Weltrend Semiconductor
|
HIP5020 |
PWM, Integrated N-Channel Buck Converter with Sync Rectification, Input 4.5/18VDC, Output 3.3/5VDC @ 3.5A
|
Intersil
|
IR2130J IR2130JPBF IR2130PBF IR2130S IR2130SPBF IR |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-lead SOIC package 3 Phase Driver, Inverting Input, 0.8us Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-pin DIP package 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-lead SOIC package 3 Phase Driver, Inverting Input, 2.5us Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package 3-PHASE BRIDGE DRIVER
|
IRF[International Rectifier]
|
GS88018BT-133 GS88018BT-133I GS88018BT-150 GS88018 |
133MHz 8.5ns 512K x 18 9Mb sync burst SRAM 150MHz 7.5ns 512K x 18 9Mb sync burst SRAM 166MHz 7ns 512K x 18 9Mb sync burst SRAM 200MHz 6.5ns 512K x 18 9Mb sync burst SRAM 225MHz 6ns 512K x 18 9Mb sync burst SRAM 250MHz 5.5ns 512K x 18 9Mb sync burst SRAM
|
GSI Technology
|
MM1067 |
No-adjustment Sync Separator Sync Detector
|
Mitsumi Electronics, Corp.
|
AF2301P AF2301PW AF2301PWA AF2301PWLA AF2301PWL |
V(ds): -20V; V(gs): -8V; -2.3A; 20V P-channel enchancement mode MOSFET 20V P-Channel Enhancement Mode MOSFET Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 RoHS Compliant: No MS27467T21B41S
|
Anachip Corp ETC
|